PART |
Description |
Maker |
QPI-12LZ-01 |
7 A V隆陇I Chip EMI Filter 7 A V・I Chip EMI Filter
|
Vicor Corporation
|
BXA10-48S12 BXA10-48S12W BXA10-48S15 BXA10 BXA10-1 |
2-line IPAD", EMI filter including ESD protection DC至DC转换 6-line IPAD", EMI filter including ESD protection 2-line IPAD", EMI filter including ESD protection 6-line IPAD", low capacitance EMI filter and ESD protection Mini and micro SD Card - EMI filtering and 25 kV ESD protection 7-line IPAD", EMI filter and ESD protection for LCD and cameras 6 line low capacitance EMI filter and ESD protection DC to DC Converter 8 line low capacitance EMI filter and ESD protection 8-10W Wide Input DC/DC Converters
|
ARTESYN[Artesyn Technologies]
|
NFM39R02C101 NFM39R12C102 NFM39R12C223 NFM39R12C22 |
CHIP EMI SUPPRESSION FILTER
|
Murata
|
QPI-10-CB1 |
QPI-10LZ Filter Carrier Board for 48 V VI Chip EMI Evaluation
|
Vicor Corporation
|
NFW31SP407X1E4L NFW31SP206X1E4L |
FILTER LC EMI 400MHZ 200MA 1206 1 FUNCTIONS, 25 V, 0.2 A, DATA LINE FILTER FILT, FILTER EMI 200MA 3DB CUTOFF 20MHZ 1 FUNCTIONS, 25 V, 0.2 A, DATA LINE FILTER
|
Murata Manufacturing Co., Ltd.
|
1F25 |
EMI Suppression Filter; Voltage Rating:275V; Attenuation:30dB; Current Drain:40mA; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):No; Phases:Single; Output Type:AC 275 V, SINGLE PHASE EMI FILTER
|
Crydom, Inc.
|
CSPEMI306A |
"6 Channel EMI Filter (30dB @ 900MHz) with ESD Protection @ ?à15KV (IEC61000-4-2 Level 4 Contact Discharge), Chip Scale Package"
|
California Micro Devices
|
SZNUF8152MUT2G NUF8152 |
8 Line LCD & Camera EMI Filter with ESD Protection 8-Channel EMI Filter with Integrated ESD Protection
|
ON Semiconductor
|
CM1400-03 CM1400-03CP CM1400-03CS |
6 Channel EMI Filter (30dB @ 900MHz) with ESD Protection @ ±15KV (IEC61000-4-2 Level 4 Contact Discharge) in Chip Scale Package ...
|
California Micro Devices Corp
|
EMIF03-SIM02C210 EMIF03-SIM02C2 |
3-line EMI filter and ESD protection for SIM card interfaces 3-line IPAD EMI filter including ESD protection
|
ST Microelectronics STMicroelectronics
|
NUF8600MN NUF8600MNTXG |
8 Line EMI Filter with ESD Protection 8-Channel EMI Filter with Integrated ESD Protection
|
ON Semiconductor
|